PART |
Description |
Maker |
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
5962-9961201HTC 5962-9961201HTA 5962-9961201HNA 59 |
Positive Adjustable Voltage Regulator Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs 积极可调电压稳压
|
Wickmann by Littelfuse
|
XRD5408 XRD5408AID XRD5408AIP XRD5410 XRD5410AID X |
5V, Low Power, Voltage Output Serial 12-Bit DAC(5V 浣?????靛?杈??涓茶?12浣?/A杞???? 5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family SERIAL INPUT LOADING, 13 us SETTLING TIME, 10-BIT DAC, PDIP8 5V/ Low Power/ Voltage Output Serial 8/10/12-Bit DAC Family
|
Exar, Corp. Exar Corporation
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC7MPN3125FTG |
Low Voltage/Low Power 2-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
FMP1617CA1 FMP1617CA2 FMP1617CA4 FMP1617CA5 FMP161 |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|